Part Number Hot Search : 
AN41023A ML4621CP SBR20 SBR20 SBR20 WTM88 SBR20 PD190122
Product Description
Full Text Search
 

To Download A5645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated antenna solutions  product specifcation fe010315-g mica 2.4 ghz smd antenna product specifcation 1 features designed for 2.4 ghz applications [bluetooth?, wifi? (802.11b/g), zigbee?, wimedia? etc.] intended for smd mounting supplied in tape on reel 2 description the mica antenna is intended for use with all 2.4 ghz applications. the antenna requires a groundplane, i.e. your device acts as an active part of the antenna and thus demand careful consideration concerning its placement. 3 application mobile phones pdas headsets laptops medical equipment automotive ? ? ? ? ? ? ? ? ?
integrated antenna solutions 2 product specifcation fe010315-g mica 2.4 ghz smd antenna contents 1 features  2 description  3 application  4 model name 3 5 general data 3 6 electrical characteristics 3 7 electrical performance 3 7-2 3d-radiation 4 7-3 radiation patterns 4 8 antenna dimensions 5 9 antenna footprint 5 10 electrical interface 6 10-1 transmission line and matching 6 10-2 test board dimensions 6 10-3 test board matching 7 11 soldering 7 11-1 recommended soldering conditions 7 11-2 leadfree soldering 7 12 reliability 8 12-1 temperature and humidity 8 12-2 mechanical 8 12-3 miscellaneous 8 12-4 judgement standard 9 13 hazardous material regulation conformance 9 14 application example 9 15 packaging 1 0 15-1 shelf storage recommendation 1 0 15-2 tape characteristics 1 0 15-3 reel dimension 1  15-4 box dimension 1  15-5 bag properties 1  15-6 reel label information 1 
integrated antenna solutions 3 product specifcation fe010315-g mica 2.4 ghz smd antenna 4 model name 30 30 A5645 - 01 antenna family -sm d t echnology -pcb drawing no. 5 general data product name mica 2.4 ghz article no. 3030A5645-01 frequency 2.4-2.5 ghz polarization linear operating temperature -40 to + 85 degc impedance 50 ohm weight 0.4 gram antenna type smd 6 electrical characteristics characteristics conditions* min typ max peak gain 0.8 dbi 1.2 dbi 1.9 dbi frequency 2.4-2.5 ghz, measured in 3d chamber ( near feld) effciency 70% 75% 79% vswr 1.0:1 1.5:1 1.9:1 frequency 2.4-2.5 ghz, measured in network analyzer *note all data provided in this table are based on the giganova? reference board 7 electrical performance 2.4 2.45 2.5 ghz vswr 1:1 3:1 * hp9770 network analyzer 2:1
integrated antenna solutions 4 product specifcation fe010315-g mica 2.4 ghz smd antenna 7-2 3d-radiation -27.34 --22.33 -17.31 -12.3 -20 -10 0 10 -30 -20 -10 0 -20 -15 -10 -5 0 5 x y z 10 20 -7.28 -2.27 2.74 10 15 20 25 20 dbi 7-3 radiation patterns xy- plane xz- plane yz- plane total polarization vertical polarization horizontal polarization
integrated antenna solutions 5 product specifcation fe010315-g mica 2.4 ghz smd antenna 8 antenna dimensions l w h g f s1, s2 i j k l m n length width height ground feed solder feed feed 20.5 0.2 3.6 0.1 3.30.2 1.20.1 1.20.1 1.20.1 3.20.1 0.550.25 1.00.1 5.50.1 7.70.1 0.20.1 dimensions in millimeters. 9 antenna foot print s s2 i k l g f m o p c opper area soldering pads tr ansparent area g f s1 s2 i k l m o p ground feed solder solder 1.20.1 1.20.1 1.20.1 1.20.1 3.20.1 1.00.1 5.50.1 7.70.1 0.50.1 0.50.1 dimensions in millimeters.
integrated antenna solutions 6 product specifcation fe010315-g mica 2.4 ghz smd antenna 10 electrical interface 10-1 transmission line and matching the matching network has to be individually designed using one, two or three components. t, w = unique dimensioning according to your pcb * c = inductor and capacitor values according to your specifc device* * antenova provides this service upon request 10-2 test board dimensions the testboard is designed for evaluation purposes for mica 2.4 ghz smd antenna. the board has the same size as a typical pcmcia card and is ftted with an sma connector.
integrated antenna solutions 7 product specifcation fe010315-g mica 2.4 ghz smd antenna 10-3 test board matching series r esistor 0 oh m the testboard is matched with above specifed component. note! the component value(s) will vary depending on size of pcb, surrounding components etc. 11 soldering 11-1 recommended soldering conditions 11-2 leadfree soldering the antenna has been tested and approved for leadfree soldering. the refow curve and solder paste used is listed below. solder paste: koki s3x58-m405
integrated antenna solutions 8 product specifcation fe010315-g mica 2.4 ghz smd antenna 12 reliability 12-1 temperature and humidity item standard low high duration operating temperature en/iec 60068-2-2, test bd: dry heat -30 degc +90 degc - temperature cycling en/iec 60068-2-14, test na: change of temperature -40 degc +90 degc 500 cycles /10 min storage life humidity en/iec 60068-2-1, test ca: damp heat +60 degc / 90% rh 500 h storage life low temperature en/iec 60068-2-1, test ad: cold -55 degc - 500 h storage life high temperature en/iec 60068-2-2, test bb: dry heat - +125 degc 500 h 12-2 mechanical item standard low high duration bending iec 60068-2-21, test ue1: bending bending 1 mm at a rate of 1 mm/s with support at end of pcb 1mm depth on reference board shear iec 60068-2-21, test ue3: shear force of 5 n applied to the side of the antenna. drop test dummy weight: 150g height: 170cm one drop at each side, total drops: 6 vibration en/iec 60068-2-6, test fc (sinusoidal) acceleration spectral density:10-1000hz acceleration: 20m/s2 number of axes: 3 mutually perpendicular 5 cycles per axis 12-3 miscellaneous item standard low high duration solderability en/iec 60068-2-58, test td visual inspection of soldering pads. estimation of how many % of the pads that are well tin plated.
integrated antenna solutions 9 product specifcation fe010315-g mica 2.4 ghz smd antenna 12-4 judgement standard the judgement of the above tests should be made as follows: visual inspection - normal apperance with no obvious cracking, peeling-off. electrical inspection - the dut satisfes the vswr specifcation throughout the 2.4-2.5 ghz band. 13 hazardous material regulation conformance cadmium and cadmium compound. organic brominated compound (pbb, pbde) polychlorinated biphenyl (pcb) polychlorinated naphthalene (pcn) organic tin compound asbestos azo compound lead and lead compound mercury and mercury compound sexivalent chrome compound chlorinated paraffn (cp) mirex formaldehyde tetra-bromo-bisphenol-a-bis (tbbp-a-bis) 14 application example 2.4 ghz module front surface  2 3 6 7 c c c 7 back surface w t h ground strip line no crossing strip lines 4 5 general the antenna is of a quarter wave type and is dependent on the groundplane area to complete the antenna function. the antenna performance is also dependent on the size of the groundplane. placement of the antenna the antenna shall be placed on a groundplane area, preferably at the edge of the pcb oriented as above. placement of 2.4 ghz module to avoid losses in the strip line, the module shall be placed as close to the antenna as possible. strip line the strip line must be dimensioned according to your specifc pcb. ( see fg 1). no crossing strip lines are allowed between the strip line and its ground plane. via connections to avoid spurious effects, via connections must be made to analogue ground. 1. 2. 1. 2. 3. 4.
integrated antenna solutions 10 product specifcation fe010315-g mica 2.4 ghz smd antenna component matching component values are depending on antenna placement, pcb dimensions and location of other components. dc block might be needed depending on rf module confguration. clearance front surface: minimum clearance to other components, c = 2-5 mm. back surface: components allowed. casing material no metal casing or plastics using metal fakes shall be used, avoid also metallic based paint or laquer . note ! incorrect implementation of the antenna will affect the performance. contact antenova for implementation services. 15 packaging 15-1 shelf storage recommendation temperature -10 to +40 degree c humidity less than 75% rh shelf life 18 months storage place away from corrosive gas and direct sunlight 15-2 tape characteristics w s 0 f e 1 p 0 p 1 p 2 a 0 b 0 k 0 t d 0 d 1 320.3 28.40.3 14.20.1 1.750.1 4.00.1 8.00.1 2.00.1 4.00.1 210.1 3.70.1 0.30.05 1.50.1 min 2.0 dimensions in millimeters quantity leading space trailing space 2000 pcs / reel 50 blank antenna holders 37 blank antenna holders 5. 6. 7. 8.
integrated antenna solutions  product specifcation fe010315-g mica 2.4 ghz smd antenna 15-3 reel dimension material: conductive polystyrene width [mm] w: 32 reel dia [mm] d: 330(13) hub dia [mm] h: 100(4) shaft dia [mm] c: 13 15-4 box dimension antenova ? antenov a material: cardboard width [mm] w: 345 breadth [mm] b: 345 thickness [mm] h: 45 15-5 bag properties antistatic aluminium moisture barrier bag thickness [mil] t: 3.2 15-6 reel label information antenova ? anteno va
integrated antenna solutions 12 product specifcation fe010315-g www.antenova.com corporate headquarters antenova ltd. far field house albert road stow-cum-quy cambridge cb9 5ar tel: +44 (0) 1223 810600 fax: +44 (0) 1223 810650 email: info@antenova.com asia headquarters antenova asia ltd. 3f, no 10, alley 6, lane 45 poa shing road hsin tien city taipe county roc 23145 tel: +886 (0) 2 2917 6536 fax: +886 (0) 2 2910 6546 email: info@antenova.com europe charlotta olander uk/eu sales manager tel: +46 702 913731 email: lotta.olander@antenova.com america david nuti na sales manager tel: +1 214 668 0357 email: david.nuti@antenova.com asia cl lim vp sales asia tel: +886 (0) 931 201 318 email: cl.lim@antenova.com sales offces


▲Up To Search▲   

 
Price & Availability of A5645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X